Electronic Components Datasheet Search
  English  ▼

X  

MA7150F Datasheet(PDF) 4 Page - Major-Power Technology Co., LTD.

Part # MA7150F
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7150F Datasheet(HTML) 4 Page - Major-Power Technology Co., LTD.

  MA7150F Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
MA7150F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
APPLICATION CIRCUIT (FG)
1
4
3
2
VDD
GND
Coil
VDD
OUT1
OUT2
FG
5
100nF
Optional
VDD
10k
FG
Output
Soft Switching
MA7150 uses soft switching of the motor coil current during commutation for to minimize
audible switching noise and electromagnetic interference (EMI) to provide a low noise
solution.
Soft
Switching
GND
VDD
200us
PERFORMANCE CHARACTERISTICS
TA (C)
25
50
60
70
80
85
90
95
100
PD (mW)
550
440
396
352
308
286
264
242
220
TA (C)
105
110
115
120
125
130
135
140
150
PD (mW)
198
176
154
132
110
88
66
44
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com