Electronic Components Datasheet Search
  English  ▼

X  

MA7150F Datasheet(PDF) 3 Page - Major-Power Technology Co., LTD.

Part # MA7150F
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7150F Datasheet(HTML) 3 Page - Major-Power Technology Co., LTD.

  MA7150F Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7150F Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
MA7150F/R
Major Power Technology Co., Ltd.
Rev.1.0 Sep.18, 2017
ELECTRICAL CHARACTERISTICS
(VDD = 3V/5V, TA = +25°C, unless otherwise noted.)
Characteristics
Symbol
Conditions
Min Typ Max Units
Average Supply Current
IDD
3V,No load
-
2.2 3.5
mA
On resistance(RPMOS+RNMOS)
RDS(ON) 5V,200mA
-
0.8 1.4
Ω
On resistance(RPMOS+RNMOS)
RDS(ON) 3V,200mA
-
1.0 1.8
Ω
FG Output Low Voltage
5V,5mA
0.3 0.5
V
Output Switching Slope Duration
TSW
3V
200
uS
Output Switching Slope Duration
TSW
5V
160
uS
Locked Protection On
Tlrp-on
-
0.45
-
Sec
Locked Protection Off
Tlrp-off
-
2.7
-
Sec
Thermal Shutdown Threshold
TSHUT
150
-
-
°C
Magnetic
(1mT=10 Gauss)
Operating Point
BOP
5
30
50 Gauss
Releasing Point
BRP
-50 -30
-5 Gauss
Hysteresis
BHYS
-
60
- Gauss
Note: Guaranteed by design.
Driver output vs. magnetic pole
Characteristics
Test Conditions
OUT1
OUT2
North pole
B < Brp
High
Low
South pole
B > Bop
Low
High
Note: The magnetic pole refer to diagram.
Bop
Brp
0
OUT2
V
Bop
Brp
0
OUT1
V
B
B
B
Marking side
N
S
Package Sensor Location
Active Area Depth
1
2
3
4
5
VDD
OUT1
OUT2
GND
FG/RD
1.1mm
0.8mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com