Electronic Components Datasheet Search
  English  ▼

X  

ALTADS2 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # ALTADS2
Description  Android Signage Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

ALTADS2 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  ALTADS2 Datasheet HTML 1Page - VIA Technologies, Inc. ALTADS2 Datasheet HTML 2Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications are subject to change without notice. Update: Jan. 16, 2018.
www.viatech.com
Packing List
Items
ALTA DS 2 system
AC-to-DC adapter
Power cord (USA type)
Stand holder
Ethernet
HDMI
DC-in
Mini USB 2.0
Front Panel External I/O
Back Panel External I/O
Unit: mm
25
118
Dimensions
Ordering Information
Part Number
SoC Frequency
Description
VT60800014003-T
VIA Elite E1000 Cortex-A9 dual-
core SoC @ 1.0GHz
Android signage system with 1.0GHz VIA Elite E1000 Cortex-A9 SoC, 2GB DDR3 RAM,
4GB eMMC, 2 HDMI ports, 2 USB 2.0 ports, 2 Mini USB 2.0 ports, Gigabit Ethernet,
SD card slot,Stand holder, US power cord, 12V DC-in
Optional Accessories
Wireless Accessories
Part Number
Description
00GO27100BU2B0D0
VNT9271BU0DB IEEE 802.11 b/g/n USB Wi-Fi dongle
Mounting Options
Part Number
Description
VT6076-C0000A1
VESA mount cradle
Cable Accessories
Part Number
Description
99G33-080297
Debug cable (TX/RX)
Kensington Lock
USB 2.0
Mic-in
Power
Button
SD Card Slot
Line-out



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com