Electronic Components Datasheet Search
  English  ▼

X  

ALTADS2 Datasheet(PDF) 1 Page - VIA Technologies, Inc.

Part # ALTADS2
Description  Android Signage Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

ALTADS2 Datasheet(HTML) 1 Page - VIA Technologies, Inc.

  ALTADS2 Datasheet HTML 1Page - VIA Technologies, Inc. ALTADS2 Datasheet HTML 2Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VIA
ALTADS2
Fanless ultra-compact dual-
screen Android digital
signage system
Android Signage Solutions
Features
„ High-performance 1.0GHz VIA
Elite E1000 Cortex-A9 dual-core
SoC
„ Designed for Android operating
system
„ Dual-screen support with
optional second HDMI port
„ Extended & independent
screen content support
„ Android software solution pack
and signage starter kit available
Specifications
Model Name
ALTA DS 2
Processor
1.0GHz VIA Elite E1000 Cortex-A9 dual-core SoC
System Memory
2GB DDR3 SDRAM onboard
Storage
4GB eMMC Flash memory
Up to 16GB eMMC (optional)
Supports 1 2.5" SATA HDD/SSD (Project-based only)
Boot Loader
4MB SPI Flash ROM
Graphics
3 integrated, independent 3D/2D and video processing units
Graphics engine supporting OpenGL® ES 3.0 hardware acceleration
Supports MPEG-2, VC1 and H.264 video decoding up to 1080p
LAN
Realtek RTL8111G-CG
Audio
Wolfson WM8960 Audio Codec
HDMI
Integrated HDMI 1.4 transmitter
2nd from ADV7511
Front Panel I/O
2 USB 2.0 ports
1 SD card slot
2 Audio jacks: Line-out and Mic-in (shared with CIR, optional)
1 Power on/off button & power indicator LED
Back Panel I/O
2 HDMI ports (1 optional)
2 Mini USB 2.0 ports (optional)
- 1 for Wi-Fi
- 1 for UART1 TX/RX
1 Gigabit Ethernet port
1 DC-in jack
Power Supply
12V DC-in (typical: 5.12W)
Operating System
Android 4.4.2
VIA Smart ETK
Restart, RTC wake-up, Suspend, Wake On LAN, Watchdog timer, GPIO, I
2C, UART
Operating Temperature
0°C ~ 40°C
Operating Humidity
0% ~ 90% @ 40°C (non-condensing)
Storage Temperature
-20°C ~ 70°C
Mechanical Construction Plastic frame
Metal bracket
Metal mesh cover on top and bottom
Mounting
Stand holder, VESA mount (optional)
Dimensions
175mm(W) x 25mm (H) x118(D) (6.88" x 0.98" x 4.64")
Weight
0.555kg (1.22lbs)
Compliance
BSMI, CE, FCC


Similar Part No. - ALTADS2

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
ALTADS3 VIA-ALTADS3 Datasheet
510Kb / 2P
Edge AI Solutions
ALTADS30VA001-T VIA-ALTADS30VA001-T Datasheet
510Kb / 2P
Edge AI Solutions
ALTADS30VA002-T VIA-ALTADS30VA002-T Datasheet
510Kb / 2P
Edge AI Solutions
ALTADS4K VIA-ALTADS4K Datasheet
444Kb / 2P
Android Signage Solutions
More results

Similar Description - ALTADS2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4156 STMICROELECTRONICS-AN4156 Datasheet
375Kb / 12P
Hardware abstraction layer for Android
24-Sep-2012
logo
List of Unclassifed Man...
Q30 ETC2-Q30 Datasheet
95Kb / 1P
Digital Signage Product
logo
Future Technology Devic...
FT311D-32L1C-R FTDI-FT311D-32L1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT311D-32Q1C-R FTDI-FT311D-32Q1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
USB Android Host IC
FT312D-32Q1C-T FTDI-FT312D-32Q1C-T Datasheet
757Kb / 27P
USB Android Host IC
logo
STMicroelectronics
STEVAL-IDI003V2 STMICROELECTRONICS-STEVAL-IDI003V2 Datasheet
288Kb / 6P
Android app available
19-May-2016
logo
VIA Technologies, Inc.
ALTADS4K VIA-ALTADS4K Datasheet
444Kb / 2P
Android Signage Solutions
logo
Nanjing Qinheng Microel...
CH9343 WCH-CH9343 Datasheet
140Kb / 7P
USB Android Host Chip
logo
DFI Inc
OPS100-SH DFI-OPS100-SH Datasheet
570Kb / 3P
Digital Signage Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com