Electronic Components Datasheet Search
  English  ▼

X  

175-4261 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # 175-4261
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 175-4261 Datasheet HTML 24Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 25Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 29Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 30Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 31Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
PM HOLDERS
TUFFALOY PM holders are mounted directly to press-
type welder platens, or are used as components of
special weld fixturing.
Platen Mounting: PM holders bolt easily to the
platen T-slots at any desired location, in a minimum
of time (no intermediary device is required). Big half-
inch mounting bolts may be used to assure good
conductivity. They are the first such standard, stocked
holders to be made available. They come in two sizes,
to match standard T-slot spacing, and to hold the 2
sizes of tips shown. The small size 1 PM holder is for
use on RWMA Size 1 press-type welders (3-1/2 in.
spacing) and the large size, 2 PM holder is for Size 2
and 3 welders (5- and 6-in. spacing). The electrodes
used do not require any particular radial positioning
to obtain proper coolant flow. These are compact
holders that may be used one-to-one or in multiples
in close proximity to one another.
Fixture Building: PM holders make special fixture
building easy too. They can be bolted to a fixture
or backup base as easily as to a platen. They are
compact and have self-contained coolant systems
that eliminate making a coolant manifold out of
the fixture.
Hose Connections: You may specify where you
want the hose connectors in the hexagonal base.
Select any two of the six possible locations and
specify by using the symbols shown on the diagram
(connector locations: A-B, or A-D, etc.). Position A-C
is standard. (A-F and C-D are not possible.)
Size 1 PM holder (9/16-in. mounting bolts)
4510 holder, Part No. 350-4510
Size 2 PM holder (3/4-in. mounting bolts)
4520 holder, Part No. 350-4520
7
3/4
1-5/8
2-3/8
1
BODY IS 2” WIDE
BODY IS 1-1/2” WIDE
27
TUFFALOY
high pressure welding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com