Electronic Components Datasheet Search
  English  ▼

X  

175-4261 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # 175-4261
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button 175-4261 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 48Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 49Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 50Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 51Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 52Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 53Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 54Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
TUFFALOY
helpful suggestions
51
EXPULSION AT WELD INTERFACE
• Short Squeeze Time
• Low Weld Force
• Dirty – Scaly Material
• Poor Fit Up
• Insufficient Edge Distance
SURFACE EXPULSION/
ELECTRODE STICKING
• Short Squeeze Time
• Long Weld Time
• Short Hold Time
• Low Weld Force
• High Weld Current
• Dirty – Scaly Material
ELECTRODE MUSHROOMING
• Insufficient Cooling
• Low weld Force
• High Weld Current
• Small Electrode Face Area
• Long Weld Time
• Welder Head Impacts Work
LOW WELD STRENGTH
• Short Weld Time
• Low Weld Force
• Low Weld Current
• Small Electrode Face Area
• Poor Heat Balance
• Welds Too Close Together
EXCESSIVE WELD INDENTATION
• Long Weld Time
• High Weld Force
• High Weld Current
• Poor Fit Up
• Welder Head Impacts Work
INTERNAL CRACKS IN WELD NUGGET
• Short Hold Time
• Low Weld Force
• Dirty – Scaly Material
• Metallurgy of Material Welded
• Poor Head Follow Up
DISPLACED WELD NUGGET
• Electrode Misalignment
• Poor Heat Balance
• Poor Fit Up
CRACKS IN PARENT MATERIAL
• High Weld Force
• Insufficient Cooling
• Metallurgy of Material Welded
PROBLEM SOLVING
• Use standard RWMA design electrodes whenever
possible. Use the RWMA recommended electrode material
for the part being welded. Keep the electrodes aligned
normal to the working face. Only use offset electrodes
or weld at an angel when nothing else will work.
• Check the water deflector tubes each time you install
electrodes. They should be within one quarter inch of
the bottom of the water hole of the electrode.
• Confirm there is water flow from the electrodes,
transformer, control and other cooled components
before welding.
• Always use the proper size water hose, if removed check
for obstructions that might impede flow.
• When a set up will not be used for a period of time remove
the electrodes from the holders to avoid freezing into the
holder due to corrosion.
• Use fine emery cloth to dress electrode faces. If wear is
excessive remove from the machine and dress in lathe or
other controlled machine. Dressing electrodes with files
is not recommended because alignment and consistency
are not possible with this manual method.
• If the use of a hammer is necessary on resistance
welding machine or its components, use rubber,
plastic, brass, raw-hide or other soft material. Never
use a steel hammer.
• If a water leak is found repair as soon as possible, or
report it to the appropriate maintenance personnel.
• Check all mechanical connections in the secondary
connections. Check all shunts and cables for damage,
replace as needed.
• Perform maintenance to Resistance Welding equipment
as outlined in RWMA Bulletin 14.
• Keep in mind that sparks/expulsion are an indication
that something is not right at the weld. It could be
current, force, time, alignment and many other factors.
Take time, check your set up for variance from the
desired settings. Expulsion can be dangerous and
could also result in questionable product.
RESISTANCE WELDING
HELPFUL HINTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com