Electronic Components Datasheet Search
  English  ▼

X  

PV501BA Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PV501BA
Description  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PV501BA Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PV501BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PV501BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PV501BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PV501BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P-Channel Logic Level Enhancement Mode
Field Effect Transistor
REV 1.0
2
F-53-3
PV501BA
SOP-8
Halogen-free & Lead-Free
NIKO-SEM
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = -250A
-30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250A
-1
-1.5
-3
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±25V
±100 nA
Zero Gate Voltage Drain Current
IDSS
VDS = -24V, VGS = 0V
-1
A
VDS = -20V, VGS = 0V, TJ = 55 °C
-10
Drain-Source On-State Resistance
1
RDS(ON)
VGS = -10V, ID = -12A
6.1
7.5
mΩ
VGS = -4.5V, ID = -12A
8.7
12
Forward Transconductance
1
gfs
VDS = -5V, ID = -12A
40
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = -15V, f = 1MHz
2732
pF
Output Capacitance
Coss
447
Reverse Transfer Capacitance
Crss
358
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
3.8
Ω
Total Gate Charge
2
Qg(VGS=-10V)
VDS = -15V , ID = -12A
60
nC
Qg(VGS=-4.5V)
31
Gate-Source Charge
2
Qgs
7.6
Gate-Drain Charge
2
Qgd
13.6
Turn-On Delay Time
2
td(on)
VDD = -15V, ID  -12A ,
VGS = -10V, RGEN = 6Ω
35
nS
Rise Time
2
tr
23
Turn-Off Delay Time
2
td(off)
160
Fall Time
2
tf
100
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
-1.4
A
Forward Voltage
1
VSD
IF = -12A, VGS = 0V
-1.3
V
Reverse Recovery Time
trr
IF=-12A, dI/dt=100A/μs
31
nS
Reverse Recovery Charge
Qrr
12
nC
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com