Electronic Components Datasheet Search
  English  ▼

X  

FIR2N80FG Datasheet(PDF) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR2N80FG
Description  800V N-Channel MOSFET-T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR2N80FG Datasheet(HTML) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR2N80FG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80FG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80FG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80FG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80FG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80FG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80FG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd. FIR2N80FG Datasheet HTML 8Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
800V N-Channel MOSFET-T
Absolute Maximum Ratings (Ta=25℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
800
V
ID
Drain Current
Tj=25℃
2.0
A
Tj=100℃
1.25
VGS(TH)
Gate Threshold Voltage
±30
V
EAS
Single Pulse Avalanche Energy (note1)
180
mJ
IAR
Avalanche Current (note2)
2.0
A
PD
Power Dissipation (Tj=25℃)
35
W
Tj
Junction Temperature(Max)
150
℃
Tstg
Storage Temperature
-55~+150
℃
TL
Maximum lead temperature for soldering purpose,1/8” from
case for 5 seconds
300
℃
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Unit
RθJC
Thermal Resistance,Junction to Case
-
3.57
℃/W
RθJA
Thermal Resistance,Junction to Ambient
-
℃/W
Features:
□ Low Intrinsic Capacitances.
□ Excellent Switching Characteristics.
□ Extended Safe Operating Area.
□ Unrivalled Gate Charge :Qg=
12nC (Typ.).
□ BVDSS=
800V,ID=2A
□ R
DS(on) :
6.3Ω (Max) @VG=10V
□ 100% Avalanche Tested
FIR2N80FG
@ 2018 Copyright By American First Semiconductor
REV:1.0
Page 1/8
YAWW
G
D
S
S
G
D
A
= Assembly Location
Y
= Year
WW
= Work Week
= Specific Device Code
FIR2N80F
PIN Connection
TO-220F
FIR2N80F
120
g
Schematic dia ram


Similar Part No. - FIR2N80FG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
FIR2N80BPG FOSTER-FIR2N80BPG Datasheet
3Mb / 9P
800V N-Channel MOSFET-T
FIR2N80LG FOSTER-FIR2N80LG Datasheet
3Mb / 9P
800V N-Channel MOSFET-T
More results

Similar Description - FIR2N80FG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF6N80F GOOD-ARK-SSF6N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N80BPG FOSTER-FIR2N80BPG Datasheet
3Mb / 9P
800V N-Channel MOSFET-T
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR5N80FG FOSTER-FIR5N80FG Datasheet
2Mb / 8P
800V N-Channel MOSFET -T
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLH80R500SJ MAPLESMI-SLH80R500SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HM7N80 HMSEMI-HM7N80 Datasheet
333Kb / 8P
800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com