Electronic Components Datasheet Search
  English  ▼

X  

SV7331 Datasheet(PDF) 5 Page - Savitech Corp.

Part # SV7331
Description  8KV ESD Protected, Wide-Supply, High-Bandwidth Dual 4:1 Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVITECH [Savitech Corp.]
Direct Link  https://www.savitech-ic.com/
Logo SAVITECH - Savitech Corp.

SV7331 Datasheet(HTML) 5 Page - Savitech Corp.

  SV7331 Datasheet HTML 1Page - Savitech Corp. SV7331 Datasheet HTML 2Page - Savitech Corp. SV7331 Datasheet HTML 3Page - Savitech Corp. SV7331 Datasheet HTML 4Page - Savitech Corp. SV7331 Datasheet HTML 5Page - Savitech Corp. SV7331 Datasheet HTML 6Page - Savitech Corp. SV7331 Datasheet HTML 7Page - Savitech Corp. SV7331 Datasheet HTML 8Page - Savitech Corp. SV7331 Datasheet HTML 9Page - Savitech Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SV7331
SV73253C
www.savitech-ic.com
5
On Response vs. Frequency
Frequency (MHz)
Vcc= +5.0V
0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
-5.5
-6.0
1
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com