Electronic Components Datasheet Search
  English  ▼

X  

SV7331 Datasheet(PDF) 6 Page - Savitech Corp.

Part # SV7331
Description  8KV ESD Protected, Wide-Supply, High-Bandwidth Dual 4:1 Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVITECH [Savitech Corp.]
Direct Link  https://www.savitech-ic.com/
Logo SAVITECH - Savitech Corp.

SV7331 Datasheet(HTML) 6 Page - Savitech Corp.

Back Button SV7331 Datasheet HTML 2Page - Savitech Corp. SV7331 Datasheet HTML 3Page - Savitech Corp. SV7331 Datasheet HTML 4Page - Savitech Corp. SV7331 Datasheet HTML 5Page - Savitech Corp. SV7331 Datasheet HTML 6Page - Savitech Corp. SV7331 Datasheet HTML 7Page - Savitech Corp. SV7331 Datasheet HTML 8Page - Savitech Corp. SV7331 Datasheet HTML 9Page - Savitech Corp. SV7331 Datasheet HTML 10Page - Savitech Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SV7331
SV73253C
www.savitech-ic.com
6
QSOP-16
MECHANICAL DATA
Symbol
Dimension in MM
Dimension in Inch
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.35
1.63
1.75
0.053
0.064
0.069
A1
0.10
0.15
0.25
0.004
0.006
0.010
A2
1.50
0.059
b
0.20
0.30
0.008
0.012
c
0.18
0.25
0.007
0.010
e
0.650 BASIC
0.025 BASEC
D
4.80
4.90
5.00
0.189
0.193
0.197
E
5.79
5.99
6.20
0.228
0.236
0.244
E1
3.81
3.961
3.99
0.150
0.154
0.157
L
0.41
0.635
1.27
0.016
0.025
0.050
h
0.25
0.50
0.010
0.020
L1
0.254 BASIC
0.010 BASIC
ZD
0.229 REF
0.009 REF
R1
0.20
0.33
0.008
0.013
R
0.20
0.008
0*
8*
0*
8*
1
0*
0*
2
5*
10*
15*
5*
10*
15*
JEDEC
MO-137 (AB)
Note:
1. Dimension 0 does not include mold protrusions or
gate burrs
2. Mold protrusions and gate burrs shall not exceed
0.006 inch per side.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com