Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  Liquid Crystal Display WSXGA TFT LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LM201WE3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Product Specification
13 / 29
LM201WE3
Liquid Crystal Display
Ver. 1.0
Jun. 11. 2007
Notes: Hsync period and Hsync width-active should be even number times of tCLK. If the value is odd number
times of tCLK, display control signal can be asynchronous. In order to operate this LCM a Hsync,
Vsyn, and DE(data enable) signals should be used.
1. The performance of the electro-optical characteristics may be influenced by variance of the vertical
refresh rates.
2. Vsync and Hsync should be keep the above specification.
3. Hsync Period, Hsync Width, and Horizontal Back Porch should be any times of character
number(8).
4. The polarity of Hsync, Vsync is not restricted.
3-3. Signal Timing Specifications
Table 6. Timing Table
This is the signal timing required at the input of the User connector. All of the interface signal timing should be
satisfied with the following specifications for it’s proper operation.
tCLK
64
16
8
tWH
Width
tHP
KHz
250
30
10
-
Vertical Blank
360
80
40
-
Horizontal Blank
tHP
39
21
5
tVBP
Vertical Back Porch
tCLK
200
40
16
tHBP
Horizontal Back Porch
96
24
16
tHFP
Horizontal Front Porch
1050
1050
1050
tVV
Vertical Valid
6
3
2
tVFP
Vertical Front Porch
Hz
77
60
48
fV
Frequency
205
6
3
tWV
Width
81.522
64.674
51.495
fH
Frequency
tCLK
1200
920
880
tHP
Period
Hsync
tHP
1300
1080
1060
tVP
Period
Vsync
840
840
840
tHV
Horizontal Valid
DE
(Data
Enable)
MHz
82
59.5
47.375
-
Frequency
2pixel/clk
ns
21.1
16.8
12.19
tCLK
Period
DCLK
Note
Unit
Max
Typ
Min
Symbol
ITEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com