Electronic Components Datasheet Search
  English  ▼

X  

LM201WE3 Datasheet(PDF) 3 Page - LG Semicon Co.,Ltd.

Part # LM201WE3
Description  Liquid Crystal Display WSXGA TFT LCD
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM201WE3 Datasheet(HTML) 3 Page - LG Semicon Co.,Ltd.

  LM201WE3 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM201WE3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Product Specification
3/ 29
LM201WE3
Liquid Crystal Display
Ver. 1.0
Jun. 11. 2007
RECORD OF REVISIONS
Updated the Luminance Variation Points. (9P
13P)
18
Updated the user connector pin description(Pin25,26)
9
Updated the Logic power consumption (3.5W
3.67W)
4
Mar. 14. 2007
0.1
Updated the Front/Rear Drawings.
23,24
Updated the Electrical characteristics
6
Changed the Gray Scale Specification.
21
Added the Color Gamut (72%)
4
Apr. 05. 2007
0.2
Added the reflection ratio (2.5%)
4, 22
Insert the sentence about the ROHS
26
Merged the TLJ1/TLJ3 Specification
-
Apr. 10. 2007
0.3
Added the Gamma Spec Value (2.2 0.3)
18
May. 28. 2007
0.5
Update the Gray Scale Specification(9points
17points)
21
Final Specification
-
Jun. 11. 2007
1.0
Updated the Gx Color Coordinates (0.292
0.298)
18
May. 03. 2007
0.4
Updated the Box Size (
523mm
521mm)
27
Updated the TLJ1/TLJ2 Rear view drawing.
24
Preliminary Specification of LM201WE3-TLJ1 (First Draft)
-
Dec. 27. 2006
0.0
DESCRIPTION
Page
Revision Date
Revision No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com