Electronic Components Datasheet Search
  English  ▼

X  

ICS85222AMLFT Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS85222AMLFT
Description  DUAL LVCMOS / LVTTL-TO DIFFERENTIAL LVHSTL TRANSLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85222AMLFT Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS85222AMLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
85222AM
www.icst.com/products/hiperclocks.html
REV. B MARCH 31, 2005
5
Integrated
Circuit
Systems, Inc.
ICS85222
DUAL LVCMOS / LVTTL-TO-
DIFFERENTIAL LVHSTL TRANSLATOR
PARAMETER MEASUREMENT INFORMATION
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
PROPAGATION DELAY
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
LVHSTL
Qx
nQx
tsk(pp)
nQx
Qx
nQy
Qy
PART 1
PART 2
CLK0,
CLK1
nQ0, nQ1
Q0, Q1
t
PD
V
DD
2
V
DD
0V
3.3V ± 5%
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
nQ0, nQ1
Q0, Q1
GND
PART-TO-PART SKEW
SCOPE
LVHSTL
Qx
nQx
V
DD
0V
2.5V ± 5%
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com