Electronic Components Datasheet Search
  English  ▼

X  

ICS85222AMLFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS85222AMLFT
Description  DUAL LVCMOS / LVTTL-TO DIFFERENTIAL LVHSTL TRANSLATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85222AMLFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS85222AMLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS85222AMLFT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
85222AM
www.icst.com/products/hiperclocks.html
REV. B MARCH 31, 2005
6
Integrated
Circuit
Systems, Inc.
ICS85222
DUAL LVCMOS / LVTTL-TO-
DIFFERENTIAL LVHSTL TRANSLATOR
APPLICATION INFORMATION
SCHEMATIC EXAMPLE
Figure 1 shows a schematic example of ICS85222. In this ex-
ample, the inputs are driven by 7
Ω output LVCMOS drivers with
series terminations.The decoupling capacitors should be physi-
FIGURE 1. ICS85222 LVHSTL BUFFER SCHEMATIC EXAMPLE
R5
43
Zo = 50 Ohm
R2
50
Ro ~ 7 Ohm
Q1
Driver_LVCMOS
VDD=3.3V
R4
50
Zo = 50 Ohm
VDD=3.3V
Ro ~ 7 Ohm
Q2
Driver_LVCMOS
R1
50
U1
ICS85222
1
2
3
4
8
7
6
5
Q0
nQ0
Q1
nQ1
VDD
CLK0
CLK1
GND
Zo = 50 Ohm
LVHSTL Input
+
-
C1
0.1u
R6
43
R3
50
Zo = 50 Ohm
Zo = 50 Ohm
LVHSTL Input
+
-
VDD=3.3V
Zo = 50 Ohm
cally located near the power pin. For ICS85222, the unused out-
put need to be terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com