Electronic Components Datasheet Search
  English  ▼

X  

MSM7512 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7512
Description  1200 bps Half Duplex FSK Modem - ITU-T V.23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7512 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7512 Datasheet HTML 1Page - OKI electronic componets MSM7512 Datasheet HTML 2Page - OKI electronic componets MSM7512 Datasheet HTML 3Page - OKI electronic componets MSM7512 Datasheet HTML 4Page - OKI electronic componets MSM7512 Datasheet HTML 5Page - OKI electronic componets MSM7512 Datasheet HTML 6Page - OKI electronic componets MSM7512 Datasheet HTML 7Page - OKI electronic componets MSM7512 Datasheet HTML 8Page - OKI electronic componets MSM7512 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Semiconductor
MSM7512B
4/12
PIN DESCRIPTION
Note :
I* : Internally pulled-up input pin.
11
VDD
—
+3 V to +5 V Power Supply
2
3
AI
I
Analog receive signal input.
3
5
AO
O
Analog transmit signal output.
4
6
EAI
I
External analog signal input.
The signal applied to this pin is transmitted from AO via transmit output
amplifier. When not using this pin, it should be left open.
5
7
GND
—
Ground, 0 V.
6
8
X1
I
3.579545 MHz crystal resonator should be connected to X1 and X2.
When applying external clock 3.579545 MHz to the device, it should be
applied to X2 (not X1) via an AC-coupling capacitor of 100 pF and X1
has to be opened.
710
X2
O
8
12
CLK
O
3.579545 MHz clock signal output.
913
RD
O
Modem receive serial data output.
Digital "1" and "0" correspond to "Mark" and "Space", respectively. When
CD (Carrier Detect) is off, RD is held at "Mark" state.
10
15
CD
O
FSK Receive signal and answer tone detect.
Digital "0" and "1" represent "Detect" and "Non-detect", respectively.
11
17
XD
I*
Modem transmit serial data input.
Digital "1" and "0" correspond to "Mark" and "Space", respectively.
12
18
RS
I*
FSK signal and answer tone transmit enable.
When digital "0" is applied to RS, transmitting becomes enable.
13
19
TEST
I*
Chip test input.
TEST should be open or digital "1".
14
20
MOD1
I*
Operation mode select.
Refer to Table 1.
15
22
MOD2
I*
16
24
AOG
I*
Analog transmit signal amplitude select.
Digital "1"
Æ –10 dBm Typ. at AO
Digital "0"
Æ –4 dBm Typ. at AO
Description
Name
I/O
RS GS-VK
No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com