Electronic Components Datasheet Search
  English  ▼

X  

MSM7512 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7512
Description  1200 bps Half Duplex FSK Modem - ITU-T V.23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7512 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7512 Datasheet HTML 3Page - OKI electronic componets MSM7512 Datasheet HTML 4Page - OKI electronic componets MSM7512 Datasheet HTML 5Page - OKI electronic componets MSM7512 Datasheet HTML 6Page - OKI electronic componets MSM7512 Datasheet HTML 7Page - OKI electronic componets MSM7512 Datasheet HTML 8Page - OKI electronic componets MSM7512 Datasheet HTML 9Page - OKI electronic componets MSM7512 Datasheet HTML 10Page - OKI electronic componets MSM7512 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Semiconductor
MSM7512B
7/12
Demodulator analog input (Al, EAI) characteristics
*
0 dBm = 0.775 Vrms
tCDD
AI
CD
tCDH
Figure 1 Carrier Detect (CD) Timing
( VDD = +2.7 V to +5.5 V, Top = –40°C to +85°C)
VON Æ VOFF
—2
—
dB
VHYS
Hysteresis (CD)
AI
—
10
—
M
W
RAI
Input Resistance
Symbol
Condition
Min.
Typ.
Max.
Unit
Parameter
FSK Signal, at AI
—
—
–6
dBm
VAI
Receive Signal
Amplitude
VON
VOFF
FSK Signal, (1:1) at AI
OFF
Æ ON
OFF
Æ OFF
—
–48
—
—
–42
dBm
dBm
Receive Signal
Detect Amplitude (CD)
—
See Fig. 1
515
20
ms
tCDD
CD Delay Time
20
40
60
ms
tCDH
CD Hold Time
1200 bps, 1:1 Pattern
–10
—
10
%
DBS
Receive Data (RD)
Bias Distortion
EAI
20
—
—
k
W
REAI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com