Electronic Components Datasheet Search
  English  ▼

X  

IL4208 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL4208
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4208 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL4208 Datasheet HTML 1Page - Vishay Siliconix IL4208 Datasheet HTML 2Page - Vishay Siliconix IL4208 Datasheet HTML 3Page - Vishay Siliconix IL4208 Datasheet HTML 4Page - Vishay Siliconix IL4208 Datasheet HTML 5Page - Vishay Siliconix IL4208 Datasheet HTML 6Page - Vishay Siliconix IL4208 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83629
Rev. 1.4, 26-Apr-04
VISHAY
IL420/ IL4208
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Output
Coupler
1) between emitter and detector, climate per DIN 50014, part 2, Nov. 74
2) index per DIN IEC 60112/VDE 0303 part 1, group IIIa per DIN VDE 6110
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate from 25 °C
1.33
mW/°C
Parameter
Test condition
Part
Symbol
Value
Unit
Peak off-state voltage
IL420
VDRM
600
V
IL4208
VDRM
800
V
RMS on-state current
ITM
300
mA
Single cycle surge current
ITSM
3.0
A
Power dissipation
Pdiss
500
mW
Derate from 25 °C
6.6
mW/°C
Parameter
Test condition
Symbol
Value
Unit
Isolation test voltage 1)
t = 1.0 sec.
VISO
5300
VRMS
Pollution degree
(DIN VDE 0109)
2
Creepage distance
≥ 7.0
mm
Clearance
≥ 7.0
mm
Comparative tracking 2)
≥ 175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Storage temperature range
Tstg
- 55 to + 150
°C
Ambient temperature range
Tamb
- 55 to + 100
°C
Soldering temperature
max.
≤ 10 sec. dip soldering
≥ 0.5 mm from case bottom
Tsld
260
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com