Electronic Components Datasheet Search
  English  ▼

X  

IL4208 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL4208
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4208 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL4208 Datasheet HTML 1Page - Vishay Siliconix IL4208 Datasheet HTML 2Page - Vishay Siliconix IL4208 Datasheet HTML 3Page - Vishay Siliconix IL4208 Datasheet HTML 4Page - Vishay Siliconix IL4208 Datasheet HTML 5Page - Vishay Siliconix IL4208 Datasheet HTML 6Page - Vishay Siliconix IL4208 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VISHAY
IL420/ IL4208
Document Number 83629
Rev. 1.4, 26-Apr-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1.16
1.35
V
Reverse current
VR = 6.0 V
IR
0.1
10
µA
Input capacitance
VF = 0 V, f = 1.0 MHz
CIN
40
pF
Thermal resistance, junction to
ambient
Rthja
750
°C/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Off-state voltage
ID(RMS) = 70 µA
IL420
VD(RMS)
424
460
V
ID(RMS) = 70 µA
IL4208
VD(RMS)
565
V
Repetitive peak off-state voltage IDRM = 100 µs
IL420
VDRM
600
V
IL4208
VDRM
800
V
Off-state current
VD = VDRM,, TA = 100 °C
IBD
10
100
µA
On-state voltage
IT = 300 mA
VTM
1.7
30
V
On-current
PF = 1.0, VT(RMS) = 1.7 V
ITM
300
mA
Surge (Non-repetitive) on-state
current
f = 50 Hz
ITSM
3.0
A
Holding current
IH
65
500
µA
Latching current
VT = 2.2 V
IL
5.0
mA
LED trigger current
VAK = 5.0 V
IFT
1.0
2.0
Trigger current temperature
gradient
∆IFT/∆Tj
7.0
14
µA/°C
Critical state of rise off-state
voltage
VD = 0.67 VDRM, TJ = 25 °C
dV/dtcr
1000
V/
µs
VD = 0.67 VDRM, TJ = 80 °C
dV/dtcr
5000
V/
µs
Critical rate of rise of voltage at
current commutation
VD = 0.67 VDRM,
dI/dtcrq ≤ 15 A/ms , TJ = 25 °C
dV/dtcrq
10000
V/
µs
VD = 0.67 VDRM,
dI/dtcrq ≤ 15 A/ms , TJ = 80 °C
dV/dtcrq
5000
V/
µs
Critical state of rise of on-state
current
dI/dtcr
8.0
A/
µs
Thermal resistance, junction to
ambient
Rthja
150
°C/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Critical rate of rise of coupled
input/output voltage
IT = 0 A, VRM = VDM = VD(RMS)
dV/dt
500
V/
µs
Capacitance (input-output)
f = 1.0 MHz, VIO = 0 V
CIO
0.8
pF
Isolation resistance
VIO = 500, TA = 25 °C
RIO
1012
Ω
VIO = 500, TA = 100 °C
RIO
1011
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com