Electronic Components Datasheet Search
  English  ▼

X  

MSM7540 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7540
Description  Single Rail ADPCM CODEC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7540 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7540 Datasheet HTML 1Page - OKI electronic componets MSM7540 Datasheet HTML 2Page - OKI electronic componets MSM7540 Datasheet HTML 3Page - OKI electronic componets MSM7540 Datasheet HTML 4Page - OKI electronic componets MSM7540 Datasheet HTML 5Page - OKI electronic componets MSM7540 Datasheet HTML 6Page - OKI electronic componets MSM7540 Datasheet HTML 7Page - OKI electronic componets MSM7540 Datasheet HTML 8Page - OKI electronic componets MSM7540 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
MSM7540/7560
¡ Semiconductor
FEDL7540-03
Figure 1 Analog Input/Output Interface
PIN AND FUNCTIONAL DESCRIPTIONS
AIN1, AIN2, GSX1, GSX2
Transmit analog inputs and the output for transmit gain adjustment.
AIN1 (AIN2) connects to the inverting input of the internal transmit amplifier. GSX1 (GSX2)
connects to the internal transmit amplifier output. Refer to Fig. 1 for gain adjustment.
VFRO, AOUT+, AOUT–, PWI
Receive analog output and the output for receive gain adjustment.
VFRO is the receive filter output. AOUT+ and AOUT– are differential analog signal outputs
which can directly drive ZL = 350 W + 120 nF. Refer to Fig. 1 for gain adjustment.
AIN1
GSX1
Analog Input
R2
C1
to ENCODER
R1
from DECODER
Analog Output
ZL=120 nF
+ 350 W
* : Side Tone Pass (Gain = R6/RS)
AIN2
GSX2
R4
C2
R3
AOUT–
PWI
R6
RS*
VFRO
R5
–1
AOUT+
–
+
–
+
–
+
Transmit Gain:
= (R2/R1) ¥ (R4/R3)
Receive Gain:
= (R6/R5)
V0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com