Electronic Components Datasheet Search
  English  ▼

X  

MSM7540 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7540
Description  Single Rail ADPCM CODEC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7540 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7540 Datasheet HTML 1Page - OKI electronic componets MSM7540 Datasheet HTML 2Page - OKI electronic componets MSM7540 Datasheet HTML 3Page - OKI electronic componets MSM7540 Datasheet HTML 4Page - OKI electronic componets MSM7540 Datasheet HTML 5Page - OKI electronic componets MSM7540 Datasheet HTML 6Page - OKI electronic componets MSM7540 Datasheet HTML 7Page - OKI electronic componets MSM7540 Datasheet HTML 8Page - OKI electronic componets MSM7540 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
MSM7540/7560
¡ Semiconductor
FEDL7540-03
¡ Semiconductor
MSM7540/7560
Single Rail ADPCM CODEC
GENERAL DESCRIPTION
The MSM7540/7560 are single channel ADPCM CODEC ICs which perform mutual transcoding
between an analog voice band signal 300 to 3400 Hz and 32 kbps ADPCM serial data.
Using advanced circuit technology, these devices operate using a single 5 V power supply and
have low power consumption.
The MSM7540/7560 are optimized for advanced digital cordless telephone system applications.
FEATURES
•
•
•
•
• Single 5 V Power Supply Operation
•
•
•
•
• ADPCM Algorithm :
Complies completely with 1988's version ITU-T
G.721 (32 kbps)
•
•
•
•
• Transmit/Receive Full-Duplex Operation
•
•
•
•
• Transmit/Receive Synchronous Mode Only
•
•
•
•
• Serial ADPCM Transmission Data Rate :
32 kbps to 2048 kbps
•
•
•
•
• Serial PCM Transmission Data Rate :
64 kbps to 2048 kbps
•
•
•
•
• PCM Interface Coding Format
MSM7540 :
A-law or Linear (14-bit, 2's compliment) Selectable
MSM7560 :
m-law or Linear (14-bit, 2's compliment) Selectable
•
•
•
•
• Low Power Consumption
Operating Mode :
60 mW Typ.
Power-Down Mode :
1.0 mW Typ.
•
•
•
•
• Two Analog Input Amplifier Stages :
Externally Adjustable Gain
•
•
•
•
• Analog Output Stage :
Push-pull Drive (direct drive of 350 W + 120 nF)
•
•
•
•
• Built-in Crystal Oscillator (10.368 MHz)
•
•
•
•
• Built-in Reference Voltage Supply
•
•
•
•
• Option Reset Specified by ITU-T G. 721/ADPCM
•
•
•
•
• Package:
28-pin plastic SOP
(SOP28-P-430-1.27-K)
(Product name: MSM7540GS-K)
(Product name: MSM7560GS-K)
FEDL7540-03
This version: Nov. 1999
Previous version: Aug. 1998


Similar Part No. - MSM7540

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
Single Rail ADPCM CODEC
More results

Similar Description - MSM7540

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
Single Rail ADPCM CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
ML7029 OKI-ML7029 Datasheet
163Kb / 29P
Multifunction ADPCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
Multifunction ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
ADPCM Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com