Electronic Components Datasheet Search
  English  ▼

X  

IRF6621 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6621
Description  The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6621 Datasheet(HTML) 1 Page - International Rectifier

  IRF6621 Datasheet HTML 1Page - International Rectifier IRF6621 Datasheet HTML 2Page - International Rectifier IRF6621 Datasheet HTML 3Page - International Rectifier IRF6621 Datasheet HTML 4Page - International Rectifier IRF6621 Datasheet HTML 5Page - International Rectifier IRF6621 Datasheet HTML 6Page - International Rectifier IRF6621 Datasheet HTML 7Page - International Rectifier IRF6621 Datasheet HTML 8Page - International Rectifier IRF6621 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
6/6/05
IRF6621
DirectFET
™ Power MOSFET ‚
Description
The IRF6621 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve the
lowest on-state resistance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is compatible
with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering
techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows
dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6621 balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and switching
losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest generation of processors
operating at higher frequencies. The IRF6621 has been optimized for parameters that are critical in synchronous buck operating from 12 volt
buss converters including Rds(on) and gate charge to minimize losses in the control FET socket.
PD - 97005
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

Fig 1. Typical On-Resistance Vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
l RoHs Compliant Containing No Lead and Bromide

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for both Sync.FET and some Control FET
application

l Low Conduction and Switching Losses
l Compatible with existing Surface Mount Techniques

 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.29mH, RG = 25Ω, IAS = 9.6A.
Notes:
DirectFET
™ ISOMETRIC
SQ
2.0
4.0
6.0
8.0
10.0
VGS, Gate-to-Source Voltage (V)
5
10
15
20
25
TJ = 25°C
TJ = 125°C
ID = 12A
0
4
8
12
16
20
24
28
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 24V
VDS= 15V
ID= 9.6A
VDSS
VGS
RDS(on)
RDS(on)
30V max ±20V max 7.0m
Ω@ 10V 9.3mΩ@ 4.5V
SQ
SX
ST
MQ
MX
MT
MP
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
Max.
9.6
55
96
±20
30
12
13
9.6
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
11.7nC
4.2nC
1.0nC
10nC
6.9nC
1.8V


Similar Part No. - IRF6621

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6621PbF IRF-IRF6621PbF Datasheet
266Kb / 10P
DirectFETPower MOSFET 
IRF6621PBF IRF-IRF6621PBF Datasheet
266Kb / 10P
Ideal for CPU Core DC-DC Converters
IRF6621PBF IRF-IRF6621PBF_15 Datasheet
266Kb / 10P
Ideal for CPU Core DC-DC Converters
IRF6621TR1PBF IRF-IRF6621TR1PBF Datasheet
266Kb / 10P
DirectFETPower MOSFET 
IRF6621TRPbF IRF-IRF6621TRPbF Datasheet
266Kb / 10P
DirectFETPower MOSFET 
More results

Similar Description - IRF6621

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6610 IRF-IRF6610 Datasheet
243Kb / 9P
HEXFET Power MOSFET Silicon Technology with the advanced DirectFETTM
IRFP2410 IRF-IRFP2410 Datasheet
147Kb / 8P
Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon
logo
Advanced Power Electron...
AP01L60AT A-POWER-AP01L60AT_10 Datasheet
111Kb / 5P
Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
logo
STMicroelectronics
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
Among the lowest RDS on the market
18-Dec-2015
logo
Littelfuse
PGR-6100 LITTELFUSE-PGR-6100 Datasheet
2Mb / 1P
The PGR-6100 combines the features
logo
TE Connectivity Ltd
C-1461401 TEC-C-1461401 Datasheet
133Kb / 2P
removed the rib on the base to case
logo
Infineon Technologies A...
AUIRF1018ES INFINEON-AUIRF1018ES Datasheet
664Kb / 10P
Specifically designed for Automotive applications, this HEXFET짰 Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.
2015-11-23
logo
First Silicon Co., Ltd
FTK2304 FS-FTK2304 Datasheet
311Kb / 4P
The FTK2304 uses advanced trench technology to
logo
Infineon Technologies A...
IRF6668PBP INFINEON-IRF6668PBP Datasheet
636Kb / 10P
The IRF6668PbF combines the latest HEXFET짰 Power MOSFET
08/28/06
IRF6715MPBBF INFINEON-IRF6715MPBBF Datasheet
282Kb / 9P
The IRF6715MPbF combines the latest HEXFET짰 Power MOSFET
02/16/11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com