Electronic Components Datasheet Search
  English  ▼

X  

MSM7541 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7541
Description  Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7541 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7541 Datasheet HTML 2Page - OKI electronic componets MSM7541 Datasheet HTML 3Page - OKI electronic componets MSM7541 Datasheet HTML 4Page - OKI electronic componets MSM7541 Datasheet HTML 5Page - OKI electronic componets MSM7541 Datasheet HTML 6Page - OKI electronic componets MSM7541 Datasheet HTML 7Page - OKI electronic componets MSM7541 Datasheet HTML 8Page - OKI electronic componets MSM7541 Datasheet HTML 9Page - OKI electronic componets MSM7541 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
¡ Semiconductor
MSM7541/7542
6/20
RSYNC
Receive synchronizing signal input.
Eight required bits are selected from serial PCM signals on the PCMIN pin by the receive
synchronizing signal.
Signals in the receive section are synchronized by this synchronizing signal. This signal must be
synchronized in phase with the BCLOCK. The frequency should be 8 kHz
±50 ppm to guarantee
the AC characteristics which are mainly the frequency characteristics of the receive section.
However, if the frequency characteristic of an applied system is not specified exactly, this device
can operate in the range of 8 kHz
±2 kHz, but the electrical characteristics in this specification are
not guaranteed.
XSYNC
Transmit synchronizing signal input.
The PCM output signal from the PCMOUT pin is output in synchronization with this transmit
synchronizing signal. This synchronizing signal triggers the PLL and synchronizes all timing
signals of the transmit section.
This synchronizing signal must be synchronized in phase with BCLOCK.
The frequency should be 8 kHz
±50 ppm to guarantee the AC characteristics which are mainly
the frequency characteristics of the transmit section.
However, if the frequency characteristic of an applied system is not specified exactly, this device
can operate in the range of 8 kHz
±2 kHz, but the electrical characteristics in this specification are
not guaranteed.
Setting this signal to logic "1" or "0" drives both transmit and receive circuits to the power saving
state.
TMC
Control signal input for mode selection.
This pin select the normal operating mode or the analog loop-back mode.
In the analog loop-back mode, the receive filter output is connected to the transmit filter input
and the digital signal input to the PCMIN pin is converted from a digital to an analog signal (D/
A conversion). Next, the analog signal is converted to a digital signal (A/D conversion) through
the receive filter and transmit filter. The result is output to the PCMOUT pin.
When in the analog loop-back mode, the VFRO pin outputs the SG level. (signal ground)
TMC Input
< 0.16 ¥ VDD
> 0.45 ¥ VDD
Mode
Normal operation
Analog loop-back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com