Electronic Components Datasheet Search
  English  ▼

X  

MSM7541 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7541
Description  Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7541 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7541 Datasheet HTML 1Page - OKI electronic componets MSM7541 Datasheet HTML 2Page - OKI electronic componets MSM7541 Datasheet HTML 3Page - OKI electronic componets MSM7541 Datasheet HTML 4Page - OKI electronic componets MSM7541 Datasheet HTML 5Page - OKI electronic componets MSM7541 Datasheet HTML 6Page - OKI electronic componets MSM7541 Datasheet HTML 7Page - OKI electronic componets MSM7541 Datasheet HTML 8Page - OKI electronic componets MSM7541 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
¡ Semiconductor
MSM7541/7542
1/20
¡ Semiconductor
MSM7541/7542
Single Rail CODEC
GENERAL DESCRIPTION
The MSM7541 and MSM7542 are single-channel CODEC CMOS ICs for voice signals ranging
from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, these devices are
optimized for telephone terminals in digital wireless systems.
The MSM7541 and MSM7542 use newly designed operational amplifiers to maintain small
current deviations caused by power voltage fluctuations.
The devices use the same transmission clocks as those used in the MSM7508B and MSM7509B.
The analog output signal, which is of a differential type, directly drives a piezoelectric type
handset receiver.
FEATURES
• Single power supply: +3.0 V to +3.8 V
• Low power consumption
Operating mode:
23 mW Typ.
VDD = 3.3 V
Power save mode:
1 mW Typ.
VDD = 3.3 V
Power down mode:
0.04 mW Typ.
VDD = 3.3 V
• ITU-T Companding law
MSM7541:
m-law
MSM7542:
A-law
• Built-in PLL eliminates a master clock
• Serial data rate: 64/128/256/512/1024/2048 kHz
96/192/384/768/1536/1544/200 kHz
• Adjustable transmit gain
• Adjustable receive gain
• Built-in reference voltage supply
• Built-in analog loop back test mode
• Differential type analog output. Directly drives a piezoelectric type receiver equivalent to 1.2
kW + 55 nF
• Package options:
20-pin plastic skinny DIP (DIP20-P-300-2.54-S1) (Product name : MSM7541RS)
(Product name : MSM7542RS)
24-pin plastic SOP (SOP24-P-430-1.27-K)
(Product name : MSM7541GS-K)
(Product name : MSM7542GS-K)
26-pin plastic TSOP (TSOPII26/20-P-300-1.27-K) (Product name : MSM7541TS-K)
(Product name : MSM7542TS-K)
E2U0014-28-81
This version: Aug. 1998
Previous version: Nov. 1996


Similar Part No. - MSM7541

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
Single Rail ADPCM CODEC
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
Single Rail ADPCM CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7544 OKI-MSM7544 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7545 OKI-MSM7545 Datasheet
110Kb / 8P
LSI
More results

Similar Description - MSM7541

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com