Electronic Components Datasheet Search
  English  ▼

X  

MA2001C Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA2001C
Description  1.4A Boost for White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2001C Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA2001C Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
MA2001
Major Power Technology Co., Ltd.
Rev.1.1
Jan.10, 2014
Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an under voltage lockout
is included that disables the device, if the input voltage falls below (2.25V-100mV).
Over Voltage Protection
OVP measure the output voltage for open circuit protection. Connect OVP pin
to the output at the top of the LED string. If VOUT above 36V, the OVP protection is
happened that stops the internal driver until VOUT below 36V.
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and
switching noise from the device. The input capacitor impedance at the switching
frequency shall be less than input source impedance to prevent high frequency
switching current passing to the input. A low ESR input capacitor sized for maximum
RMS current must be used. Ceramic capacitors with X5R or X7R dielectrics are highly
recommended because of their low ESR and small temperature coefficients. A 2.2uF
ceramic capacitor for most applications is sufficient. For a lower output power
requirement application, this value can be decreased.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to
ensure regulation loop stability. The output capacitor must have low impedance at the
switching frequency. Ceramic capacitors with X5R or X7R dielectrics are
recommended due to their low ESR and high ripple current. A 1uF ceramic capacitors
works for most of the applications. Higher capacitor values can be used to improve the
load transient response.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com