Electronic Components Datasheet Search
  English  ▼

X  

MA2001C Datasheet(PDF) 6 Page - Major-Power Technology Co., LTD.

Part # MA2001C
Description  1.4A Boost for White LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA2001C Datasheet(HTML) 6 Page - Major-Power Technology Co., LTD.

  MA2001C Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA2001C Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
MA2001
Major Power Technology Co., Ltd.
Rev.1.1
Jan.10, 2014
PACKAGE OUTLINES
(1)
TSOT23-6L
e
e1
b
D
y
R
C
L2
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
1.10
-
-
0.043
A1
0.00
-
0.10
0
-
0.004
A2
0.70
0.90
1.00
0.028
0.035
0.039
b
0.30
0.40
0.50
0.012
0.016
0.020
C
0.08
0.14
0.20
0.003
0.006
0.008
D
2.80
2.90
3.00
0.110
0.114
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
e
0.95 BSC.
0.037 BSC.
e1
1.90 BSC.
0.075 BSC.
L
0.30
0.45
0.60
0.012
0.018
0.024
L1
0.60 REF.
0.024 REF.
L2
0.25 BSC.
0.010 BSC.
y
-
-
0.10
-
-
0.004
R
0.10
-
-
0.004
-
-
0o
-
8o
0o
-
8o
JEDEC outline: MO-193 AA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com