Electronic Components Datasheet Search
  English  ▼

X  

MA5611ESA Datasheet(PDF) 5 Page - Major-Power Technology Co., LTD.

Part # MA5611ESA
Description  36V Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5611ESA Datasheet(HTML) 5 Page - Major-Power Technology Co., LTD.

  MA5611ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
MA5611
Major Power Technology Co., Ltd.
Rev.1.2 Apr.12, 2017
FUNCTION DESCRIPTIONS
The MA5611 is a synchronous rectified, current-mode, step-down regulator. It regulates
input voltages from 8V to 36V down to an output voltage as low as VFB, and supplies up to 2.5A
of load current.
The MA5611 uses current-mode control to regulate the output voltage. The output voltage
is measured at FB through a resistive voltage divider and amplified through the internal Tran
conductance error amplifier. The voltage at the COMP pin is compared to the switch current
measured internally to control the output voltage.
The converter uses internal N-Channel MOSFET switches to step-down the input voltage
to the regulated output voltage. Since the high side MOSFET requires a gate voltage greater
than the input voltage, a boost capacitor connected between SW and BS is needed to drive the
high side gate. The boost capacitor is charged from the internal 5V rail when SW is low.
When the MA5611 FB pin exceeds 10% of the nominal regulation voltage of VFB, the over
voltage comparator is tripped and the COMP pin is discharged to GND, forcing the high-side
switch off.
APPLICATION INFORMATION
Setting the Output Voltage
The output voltage is set using a resistive voltage divider from the output voltage to FB
pin. The voltage divider divides the output voltage down to the feedback voltage by the ratio.
Thus the output voltage is:
VOUT= VFB ×
2
2
1
R
R
R 
For example, VFB =1.00V for a 5.0V output voltage, R2 is 10k
Ω, and R1 is 40kΩ.
Inductor Selection
The inductor is required to supply constant current to the output load while being driven
by the switched input voltage. A larger value inductor will result in less ripple current that will
result in lower output ripple voltage. However, the larger value inductor will have a larger
physical size, higher series resistance, and/or lower saturation current. A good rule for
determining the inductance to use is to allow the peak-to-peak ripple current in the inductor to
be approximately 30% of the maximum switch current limit.
VIN
<28V
<35V
Inductor
33uH
33uH
The choice of which style inductor to use mainly depends on the price vs. size
requirements and any EMI requirements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com