Electronic Components Datasheet Search
  English  ▼

X  

MA5611ESA Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5611ESA
Description  36V Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5611ESA Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5611ESA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA5611ESA Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
MA5611
Major Power Technology Co., Ltd.
Rev.1.2 Apr.12, 2017
36V Synchronous Buck Converter
GENERAL DESCRIPTION
The MA5611 is a monolithic synchronous buck regulator. The device integrates two internal
power MOSFETs, and provides 2.5A of continuous load current over a wide input voltage.
Current mode control provides fast transient response and cycle-by-cycle current limit.
An internal soft-start prevents inrush current at turn-on, This device, available in
SOP8L-EP(Exposed pad) package, provides a very compact solution with minimal external
components.
FEATURES
- Wide 8V to 36V Operating Input Range
- Integrated 120m
Ω Power MOSFET Switches
- Output Adjustable from VFB(1V±2%) to 16V
- Up to 93% Efficiency
- Internal Soft-Start t and Fixed 160KHz Frequency
- Stable with Low ESR Polymer Al-E-Capacitors
- Cycle-by-Cycle Over Current Protection
- Input Under/Over Voltage Lockout
TYPICAL CIRCUIT
IN
EN
VDD
GND
BS
S
W
FB
COMP
INPUT 8V~32V
C1
C5
10nF
L1
R1
40kΩ
R2
10kΩ
C2
OUTPUT
5V 2.4A
C3
R3
C4
0.1 F
C6
0.1 F
MA5611
R5
24Ω
3.3nF
15kΩ
PAD
D1
SS34
C7
C8
CFB
3.3nF
ON
OFF
VOUT=VFB × (1+R1/R2), VFB = 1.00V, R2 suggest 1k~40k
Ω


Similar Part No. - MA5611ESA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MA56101BAN MURATA-MA56101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA56101BBN MURATA-MA56101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA56101CAN MURATA-MA56101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA56101CBN MURATA-MA56101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA56101DAN MURATA-MA56101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA5611ESA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
MA5605 MPOWER-MA5605 Datasheet
462Kb / 9P
36V 4.5A Synchronous Buck Converter
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
Synchronous Buck Converter
logo
Maxim Integrated Produc...
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com