Electronic Components Datasheet Search
  English  ▼

X  

M54HC154K1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC154K1
Description  RAD-HARD 4 TO 16 LINE DECODER/DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC154K1 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC154K1 Datasheet HTML 1Page - STMicroelectronics M54HC154K1 Datasheet HTML 2Page - STMicroelectronics M54HC154K1 Datasheet HTML 3Page - STMicroelectronics M54HC154K1 Datasheet HTML 4Page - STMicroelectronics M54HC154K1 Datasheet HTML 5Page - STMicroelectronics M54HC154K1 Datasheet HTML 6Page - STMicroelectronics M54HC154K1 Datasheet HTML 7Page - STMicroelectronics M54HC154K1 Datasheet HTML 8Page - STMicroelectronics M54HC154K1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M54HC154
4/9
RECOMMENDED OPERATING CONDITIONS
DC SPECIFICATIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr,tf
Input Rise and Fall Time
VCC =2.0V
0 to 1000
ns
VCC =4.5V
0 to 500
ns
VCC =6.0V
0 to 400
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
V
4.5
3.15
3.15
6.0
4.2
4.2
VIL
Low Level Input
Voltage
2.0
0.5
0.5
V
4.5
1.35
1.35
6.0
1.8
1.8
VOH
High Level Output
Voltage
2.0
IO=-20 µA
1.9
2.0
1.9
V
4.5
IO=-20 µA
4.4
4.5
4.4
6.0
IO=-20 µA
5.9
6.0
5.9
4.5
IO=-4.0 mA
4.18
4.31
4.13
6.0
IO=-5.2 mA
5.68
5.8
5.63
VOL
Low Level Output
Voltage
2.0
IO=20 µA
0.0
0.1
0.1
V
4.5
IO=20 µA
0.0
0.1
0.1
6.0
IO=20 µA
0.0
0.1
0.1
4.5
IO=4.0 mA
0.17
0.26
0.33
6.0
IO=5.2 mA
0.18
0.26
0.33
II
Input Leakage
Current
6.0
VI =VCC or GND
± 0.1
± 1
µA
ICC
Quiescent Supply
Current
6.0
VI =VCC or GND
440
80
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com