Electronic Components Datasheet Search
  English  ▼

X  

M54HC154K1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC154K1
Description  RAD-HARD 4 TO 16 LINE DECODER/DEMULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC154K1 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC154K1 Datasheet HTML 1Page - STMicroelectronics M54HC154K1 Datasheet HTML 2Page - STMicroelectronics M54HC154K1 Datasheet HTML 3Page - STMicroelectronics M54HC154K1 Datasheet HTML 4Page - STMicroelectronics M54HC154K1 Datasheet HTML 5Page - STMicroelectronics M54HC154K1 Datasheet HTML 6Page - STMicroelectronics M54HC154K1 Datasheet HTML 7Page - STMicroelectronics M54HC154K1 Datasheet HTML 8Page - STMicroelectronics M54HC154K1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
M54HC154
5/9
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT =ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL Propagation Delay
Time
(A,B, C,D - Y)
2.0
65
125
155
300
ns
4.5
19
25
31
60
6.0
16
21
26
51
tPLH tPHL Propagation Delay
Time
(G1,G2 -Y)
2.0
55
160
200
265
ns
4.5
17
32
40
53
6.0
15
27
34
45
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
57
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com