Electronic Components Datasheet Search
  English  ▼

X  

MSM7577 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM7577
Description  Voice Signal Level Control LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7577 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM7577 Datasheet HTML 1Page - OKI electronic componets MSM7577 Datasheet HTML 2Page - OKI electronic componets MSM7577 Datasheet HTML 3Page - OKI electronic componets MSM7577 Datasheet HTML 4Page - OKI electronic componets MSM7577 Datasheet HTML 5Page - OKI electronic componets MSM7577 Datasheet HTML 6Page - OKI electronic componets MSM7577 Datasheet HTML 7Page - OKI electronic componets MSM7577 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MSM7577
¡ Semiconductor
5/8
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply Current
IDD
—
1.2
2.4
mA
VDD = 3.0 V
Low Level Input
Voltage
VIL
0—
0.3 ¥
VDD
V
ATT0 to ATT2
ATTE, PD
High Level Input
Voltage
VIH
0.7 ¥
VDD
—VDD
V
ATT0 to ATT2
ATTE, PD
Digital Input Leakage
Current
IIL
–10
—
+10
mA
VI = GND
IIH
VI = VDD
Analog Input
Voltage Level
VIA
—
—
1.2
VP-P
RAUD, MIC
AN2, AN3
Analog Input
Resistance
RIA
—
200
—
kW
RAUD
MIC
Analog Output
Level Range 1
V01
1.2
—
—
VP-P
RCV1, RCV2, AO3
RL = 5 kW (to SG level)
Analog Output
Level Range 2
V02
1.2
—
—
VP-P
TAUD
RL = 600 W (to SG level)
( Ta = –20°C to 70°C, VDD = 2.7 V to 5.25 V )
*VDD = 5.0 V
—
10.0
20
PD = VDD
—
0.1
0.2
Power Down Current
—
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com