Electronic Components Datasheet Search
  English  ▼

X  

MSM7577 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7577
Description  Voice Signal Level Control LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7577 Datasheet(HTML) 6 Page - OKI electronic componets

  MSM7577 Datasheet HTML 1Page - OKI electronic componets MSM7577 Datasheet HTML 2Page - OKI electronic componets MSM7577 Datasheet HTML 3Page - OKI electronic componets MSM7577 Datasheet HTML 4Page - OKI electronic componets MSM7577 Datasheet HTML 5Page - OKI electronic componets MSM7577 Datasheet HTML 6Page - OKI electronic componets MSM7577 Datasheet HTML 7Page - OKI electronic componets MSM7577 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MSM7577
¡ Semiconductor
6/8
Analog Interface Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
RX-AUDIO
Path Gain
VRXA
+14
+15
+16
dB
RAUD-RCV1
ATT = 0 dB
ATTE = L
RX-AUDIO
Loss Level (Mute)
LRXA
40
—
—
dB
RAUD-RCV1
RAUD = –20 dBV
ATTE = 0 dB
ATTE = LÆH
MIC Path Gain
VRTA
–9.5
–8.5
–7.5
dB
MIC-RCV1
AO3 and AN3 are connected
( Ta = –20°C to 70°C, VDD = 2.7 V to 5.25 V )
TX-AUDIO
Loss Level
LTXA
40
—
—
dB
MIC-TAUD
MIC = –20 dBV
ATTE = LÆH
TX-AUDIO
Path Gain
VTXA
–1.0
0
+1.0
dB
MIC-TAUD
AO3 and AN3 are connected
600 W load resistance
ATT
Establish Error
VATG
–0.3
0
+0.3
dB
RAUD-RCV1
ATT0 to ATT2
TX-AUDIO
Distortion
——
—
8
%
MIC = –7.45 dBV
fi = 1 kHz
600 W load resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com