Electronic Components Datasheet Search
  English  ▼

X  

SHD54 Datasheet(PDF) 1 Page - D+H Mechatronic AG

Part # SHD54
Description  Side-hung vent drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

SHD54 Datasheet(HTML) 1 Page - D+H Mechatronic AG

  SHD54 Datasheet HTML 1Page - D+H Mechatronic AG SHD54 Datasheet HTML 2Page - D+H Mechatronic AG SHD54 Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24 V DC
SHD 54
Performance features
» For opening and closing side‑hung vents
» For sash sizes to 1.2 x 1 m
» With motor electronics controlled via microprocessor
» Opening the windows to 65° in less than 30 sec.
» Locking mechanism for the window in conjunction with window locking
drive (optional)
» Configurable locking direction on the drive
» Programmable drive functions and different drive parameters
» Bracket set included
Potential drive options
SHD Series   Side-hung vent drives
You can find the explanations for the icons on the last page
We reserve the right to make changes.
©2018 D+H Mechatronic AG, Ammersbek


Similar Part No. - SHD54

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
SHD54-BSY DH-SHD54-BSY Datasheet
383Kb / 3P
Side-hung vent drives
More results

Similar Description - SHD54

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P541-X2X-D4-14 VINCOTECH-V23990-P541-X2X-D4-14 Datasheet
977Kb / 23P
Industrial drives Embedded drives
V23990-P543-X2X-D4-14 VINCOTECH-V23990-P543-X2X-D4-14 Datasheet
922Kb / 23P
Industrial drives Embedded drives
V23990-P543-X3X-D4-14 VINCOTECH-V23990-P543-X3X-D4-14 Datasheet
788Kb / 23P
Industrial drives Embedded drives
V23990-P545-X2X-D4-14 VINCOTECH-V23990-P545-X2X-D4-14 Datasheet
880Kb / 23P
Industrial drives Embedded drives
V23990-P545-X3X-D4-14 VINCOTECH-V23990-P545-X3X-D4-14 Datasheet
898Kb / 23P
Industrial drives Embedded drives
V23990-P546-X2X-D5-14 VINCOTECH-V23990-P546-X2X-D5-14 Datasheet
811Kb / 23P
Industrial drives Embedded drives
logo
D+H Mechatronic AG
SHD54-BSY DH-SHD54-BSY Datasheet
383Kb / 3P
Side-hung vent drives
logo
3M Electronics
3294 3M-3294 Datasheet
131Kb / 5P
3M™ Vent Tape
Jan-2006
logo
Pentair plc. All rights...
AVDR4NM PENTAIR-AVDR4NM Datasheet
369Kb / 4P
H20MIT VENT DRAINS
Spec-00542 J
logo
Lapp.
51730200 LAPP-51730200 Datasheet
128Kb / 1P
SKINDICHT® VENT
08.02.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com