Electronic Components Datasheet Search
  English  ▼

X  

SHD54 Datasheet(PDF) 2 Page - D+H Mechatronic AG

Part # SHD54
Description  Side-hung vent drives
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DH [D+H Mechatronic AG]
Direct Link  https://www.dh-partner.com/
Logo DH - D+H Mechatronic AG

SHD54 Datasheet(HTML) 2 Page - D+H Mechatronic AG

  SHD54 Datasheet HTML 1Page - D+H Mechatronic AG SHD54 Datasheet HTML 2Page - D+H Mechatronic AG SHD54 Datasheet HTML 3Page - D+H Mechatronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZE
RTIFIZIERT
CERTIFIED
EN 12101-2
UR
O RWA
D+H E
UR
40
115
500
Supply
24 V DC / ±15 % / 1 A
Force of pressure
500 N
Tensile force
500 N
Service life
20000 double strokes
OPEN running speed
11.8 mm/s
OPEN running speed ‑ SHEV
15.2 mm/s
CLOSED running speed
11.8 mm/s
Type of protection
IP 50
Emission sound pressure level
LpA ≤ 70 dB(A)
Temperature range
‑5 °C ... +75 °C
Fire resistance
B300 (30 min / 300 °C)
Housing
Aluminium
Surface
Powder‑coated
Colour
White aluminium (~ RAL 9006)
Connection
2.5 m silicone cable
W x H x D
500 x 40 x 115 mm
Weight
2.10 kg
Type
Art. No.
Stroke
Remark
SHD 54/450‑V
23.050.70
450 mm
SHD
26.501.00
Variable equipment possible
Article also available with the following permissions under other article
numbers. Technical data may deviate.
Dimensions
All specifications in mm
Design
Technical data
Approvals / Certificates
Find out about permission details from your D+H Partner
Status 01/2018



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com