Electronic Components Datasheet Search
  English  ▼

X  

UP04401 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UP04401
Description  Silicon PNP epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UP04401 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UP04401 Datasheet HTML 1Page - Panasonic Semiconductor UP04401 Datasheet HTML 2Page - Panasonic Semiconductor UP04401 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UP04401
2
SJJ00231BED
IB  VBE
IC  VBE
VCE(sat)  IC
PT  Ta
IC  VCE
IC  IB
hFE  IC
Cob  VCB
0
0
160
40
120
80
150
25
50
75
100
125
Ambient temperature T
a (°C)
0
−12
−10
−8
−2
−6
−4
0
−120
−100
−80
−60
−40
−20
Ta
= 25°C
−250 µA
−200 µA
−150 µA
−100 µA
−50 µA
IB
= −300 µA
Collector-emitter voltage V
CE (V)
0
− 0.8
− 0.4
−1.2
0
−160
−120
−80
−40
VCE
= −10 V
Ta
= 25°C
Base current I
B (mA)
0
− 0.8
− 0.2
− 0.4
− 0.6
0
−4
−3
−1
−2
VCE
= −10 V
Ta
= 25°C
Base-emitter voltage V
BE (V)
0
−1.0
− 0.8
− 0.2
− 0.6
− 0.4
0
−120
−100
−80
−60
−40
−20
VCE
= −10 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
−1
−10
−102
−103
−10−3
−10−2
−10−1
−1
−10
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
600
500
400
300
200
100
Collector current I
C (mA)
−10−1
−1
−102
−103
−10
VCE
= −10 V
25
°C
−25°C
Ta
= 75°C
0
−10
−20
−30
−40
10
1
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com