Electronic Components Datasheet Search
  English  ▼

X  

VSC7939RP Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7939RP
Description  Laser Diode Driver with Automatic Power Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7939RP Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7939RP Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7939
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
G52350-0, Rev 3.2
Page 1
02/26/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
Applications
General Description
The VSC7939 is a single 3.3V or 5V supply laser diode driver specially designed for SONET/SDH applica-
tions up to 3.125Gb/s. External resistors set a wide range of bias and modulation currents for driving the laser.
Data and clock inputs accept differential PECL signals. The automatic power control (APC) loop maintains a
constant average optical power over temperature and lifetime. The dominant pole of the APC loop can be con-
trolled with an external capacitor. Other features include enable/disable control, short-circuit protection for the
modulation and bias inputs, short rise and fall times, programmable slow-start circuit to set laser turn-on delay,
and failure-monitor output to indicate when the APC loop is unable to maintain the average optical power. The
VSC7939 is available in die form or in a 32-pin TQFP package.
Block Diagram
• Power Supply: 3.3V or 5V
±5%
• AC-Coupled to Laser Diode
• Programmable Modulation Current: 5mA to 60mA
• Programmable Bias Current: 1mA to 100mA
• Enable /Disable Control
• Typical Rise/Fall Times of 60ps
• Automatic Optical Average Power Control
• Supply Current of 33mA at 3.3V
3.3V Operation
Q
SET
CLRQ
D
MUX
APC
BIAS
IOUT+
IOUT-
MD
MODSET
BIASMAX
CAPC
APCSET
FAIL
LATCH
1nF
MODMON
BIASMON
DATA+
DATA-
CLK+
CLK-
ENABLE
DISABLE
C
D
V
CC
V
CC
V
CC
V
CC
C
F
R
F
• SONET/SDH at 622Mb/s, 1.244Gb/s,
2.488Gb/s, 3.125Gb/s
• Full-Speed Fibre Channel (1.062Gb/s)


Similar Part No. - VSC7939RP

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7937KJ VITESSE-VSC7937KJ Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7937KJL VITESSE-VSC7937KJL Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7937KJRL VITESSE-VSC7937KJRL Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC7937RA VITESSE-VSC7937RA Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
More results

Similar Description - VSC7939RP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
Laser Diode Driver with Light Power Control
REV.0
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3865 MAXIM-MAX3865 Datasheet
633Kb / 16P
2.5Gbps Laser Driver with Automatic Modulation Control
19-2247; Rev 1; 4/02
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
Laser Diode Driver with Automatic Power Control
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
Laser Diode Driver with Light Power Control
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com