Electronic Components Datasheet Search
  English  ▼

X  

VSC7939RP Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7939RP
Description  Laser Diode Driver with Automatic Power Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7939RP Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7939RP Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7939RP Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7939
SONET/SDH 3.125Gb/s
Laser Diode Driver with Automatic Power Control
G52350-0, Rev 3.2
Page 3
02/26/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
NOTES: (1) Both IBIAS and IMOD will turn off if any of the current set pins are grounded. (2) Assumes laser diode to monitor diode transfer func-
tion does not change with temperature.
Table 3: PECL and TTL/CMOS Inputs and Outputs Specifications
Modulation Current Absolute Accuracy
±15
%
See Note 2
Modulation Current Stability
-480
-50
480
ppm/
°C
IMOD=60mA
250
IMOD=5mA
ABIAS
BIASMON to IBIAS Gain
37
A/A
IBIAS/IBIASMON
AMOD
MODMON to IMON Gain
29
A/A
IMOD/IMODMON
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VID
Differential Input Voltage
100
1600
mVp-p
(DATA+)-(DATA-)
VICM
Common-Mode Input Voltage
VCC -
1.49
VCC -
1.32
VCC -
VID/4
V
PECL-compatible
IIN
Clock and Data Input Current
-1
10
µA
VIH
TTL Input High Voltage
(ENABLE, LATCH)
2.0
V
VIL
TTL Input Low Voltage
(ENABLE, LATCH)
0.8
V
TTL Output High Voltage (FAIL)2.4
VCC -
0.3
VCC
V
Sourcing 50µA
TTL Output Low Voltage (FAIL)
0.1
0.44
V
Sinking 100µA
Symbol
Parameter
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com