Electronic Components Datasheet Search
  English  ▼

X  

VSC8116 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8116
Description  ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8116 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8116 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8116
ATM/SONET/SDH 622/155Mb/s Transceiver
Mux/Demux with Integrated Clock Generation
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
G52220-0, Rev 4.1
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
1/8/00
PLL clock multiplier. Optics have either a PECL or TTL output, usually called “SD” (Signal Detect) or “FLAG”
indicating either a lack of or presence of optical power. Depending on the optics manufacture this signal is
either active high or active low polarity. If the optics Signal Detect or FLAG output is a “TTL” signal, it should
be connected to LOSTTL. If it’s a “PECL” signal it should be connected through a “PECL” to “TTL” translator
(such as the Motorola “MC100ELT21”) which then drives LOSTTL. The follow on part to VSC8116 is the
VSC8117, in this device the signal LOSTTL has been changed to LOSPECL, a PECL input.
Facility Loopback
The Facility Loopback function is controlled by the FACLOOP signal. When the FACLOOP signal is set
high, the Facility Loopback mode is activated and the high speed serial receive data (RXDATAIN) is presented
at the high speed transmit output (TXDATAOUT). See Figure 3. In Facility Loopback mode the high speed
receive data (RXDATAIN) is also converted to parallel data and presented at the low speed receive data output
pins (RXOUT [7:0]). The receive clock (RXCLKIN) is also divided down and presented at the low speed clock
output (RXLSCKOUT).
Figure 3: Facility Loopback Data Path
Equipment Loopback
The Equipment Loopback function is controlled by the EQULOOP signal. When the EQULOOP signal is
set high, the Equipment Loopback mode is activated and the high speed transmit data generated from the paral-
lel to serial conversion of the low speed data (TXIN [7:0]) is selected and converted back to parallel data in the
receiver section and presented at the low speed parallel outputs (RXOUT [7:0]). See Figure 4. The internally
generated 155MHz/622MHz clock is used to generate the low speed receive clock output (RXLSCKOUT). In
Equipment Loopback mode the transmit data (TXIN [7:0]) is serialized and presented at the high speed output
(TXDATAOUT).
D
Q
D
Q
1:8
Serial to
Parallel
Q
D
RXDATAIN
TXDATAOUT
RXOUT[7:0]
Q
D
TXIN[7:0]
8:1
Parallel to
Serial
PLL
0
1
FACLOOP
RXCLKIN
0
1
RXLSCKOUT
÷8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com