Electronic Components Datasheet Search
  English  ▼

X  

VSC8116 Datasheet(PDF) 19 Page - Vitesse Semiconductor Corporation

Part # VSC8116
Description  ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8116 Datasheet(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC8116 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8116 Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
G52220-0, Rev 4.1
© VITESSE SEMICONDUCTOR CORPORATION
Page 19
1/8/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8116
ATM/SONET/SDH 622/155Mb/s Transceiver
Mux/Demux with Integrated Clock Generation
Table 14: AC Coupling Component Values
TTL Input Structure
The TTL inputs of the VSC8116 are 3.3V TTL which can accept 5.0V TTL levels within a given set of tol-
erances (see Table 11). The input structure, shown in Figure 12, uses a current limiter to avoid overdriving the
input FETs.
Layout of the High Speed Signals
The routing of the High Speed signals should be done using good high speed design practices. This would
include using controlled impedance lines (50 ohms) and keeping the distance between components to an abso-
lute minimum. In addition, stubs should be kept at a minimum as well as any routing discontinuities. This will
help minimize reflections and ringing on the high speed lines and insure the maximum eye opening. In addition
the output pull down resistor R2 should be placed as close to the VSC8116 pin as possible while the AC-cou-
pling capacitor C2 and the biasing resistors R3, R4 should be placed as close as possible to the optics input pin.
The same is true on the receive circuit side. Using small outline components and minimum pad sizes also helps
in reducing discontinuities.
Ground Planes
The ground plane for the components used in the High Speed interface should be continuous and not sec-
tioned in an attempt to provide isolation to various components. Sectioning of the ground planes tends to inter-
fere with the ground return currents on the signal lines. In addition, the smaller the ground planes the less
effective they are in reducing ground bounce noise and the more difficult to decouple. Sectioning of the positive
supplies can provide some isolation benefits.
Analog Power Supplies
Good analog design practices should be applied to the board design for the analog ground and power
planes. The dedicated PLL power (VDDA) and ground (VSSA) pins need to have quiet supply planes to mini-
mize jitter generation within the clock synthesis unit. This is accomplished by either using a ferrit bead or a C-
L-C choke (
π filter).
Component
Value
Tolerance
R1
270 ohms
5%
R2
75 ohms
5%
R3
68 ohms
1%
R4
190 ohms
1%
C1, C2, C3, C4
.01uf High Frequency
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com