Electronic Components Datasheet Search
  English  ▼

X  

FIR210N075TG Datasheet(PDF) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR210N075TG
Description  N-Channel Enhancement Mode Power Mosfet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR210N075TG Datasheet(HTML) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR210N075TG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR210N075TG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR210N075TG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR210N075TG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR210N075TG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR210N075TG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR210N075TG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The FIR210N075TG uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It can
be used in Automotive applications and a wide variety of other
applications.
VDSS =75V,ID =210A
RDS(ON) < 4mΩ @ VGS=10V
Good stability and uniformity with high EAS
Special process technology for high ESD capability
High density cell design for ultra low Rdson
Fully characterized Avalanche voltage and current
Excellent package for good heat dissipation
Application
Automotive applications
Hard Switched and High Frequency Circuits
Uninterruptible Power Supply
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
FIR210N075T
FIR210N075TG
TO-3P/TO-247
-
-
-
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDSS
75
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
210
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
150
A
Pulsed Drain Current
IDM
840
A
Maximum Power Dissipation
PD
330
W
Derating factor
2.2
W/℃
Single pulse avalanche energy (Note 4)
EAS
2200
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
FIR210N075ANG
N-Channel Enhancement Mode Power Mosfet
Marking Diagram
Description
General Features
PIN Connection
TO-3P
G D S
A
= Assembly Location
Y
= Year
WW
= Work Week
= Specific Device Code
FIR210N075AN
YAWW
FIR210N075AN
@ 2018 Copyright By American First Semiconductor
REV:1.0
Page 1/7


Similar Part No. - FIR210N075TG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
FIR210N075PG FOSTER-FIR210N075PG Datasheet
4Mb / 7P
N-Channel Enhancement Mode Power Mosfet
More results

Similar Description - FIR210N075TG

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com