Electronic Components Datasheet Search
  English  ▼

X  

FIR3416LTG Datasheet(PDF) 6 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR3416LTG
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR3416LTG Datasheet(HTML) 6 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR3416LTG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SOT-23 Package Information
Dimensions in Millimeters
Symbol
MIN.
MAX.
A
0.900
1.150
A1
0.000
0.100
A2
0.900
1.050
b
0.300
0.500
c
0.080
0.150
D
2.800
3.000
E
1.200
1.400
E1
2.250
2.550
e
0.950TYP
e1
1.800
2.000
L
0.550REF
L1
0.300
0.500
θ
0°
8°
PIN
CONFIGURATION
FIR3416LTG
www.First-semi.com
Page 6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com