Electronic Components Datasheet Search
  English  ▼

X  

FIR3416LTG Datasheet(PDF) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

Part # FIR3416LTG
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSTER [Shenzhen Foster Semiconductor Co., Ltd.]
Direct Link  http://www.first-semi.com
Logo FOSTER - Shenzhen Foster Semiconductor Co., Ltd.

FIR3416LTG Datasheet(HTML) 1 Page - Shenzhen Foster Semiconductor Co., Ltd.

  FIR3416LTG Datasheet HTML 1Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 2Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 3Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 4Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 5Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 6Page - Shenzhen Foster Semiconductor Co., Ltd. FIR3416LTG Datasheet HTML 7Page - Shenzhen Foster Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description
The FIR3416LTG uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 1.8V. This device is suitable for use as a
load switch or in PWM applications .It is ESD protested.
General Features
●
VDS = 20V,ID =6A
RDS(ON) < 27mΩ @ VGS=2.5V
RDS(ON) < 22mΩ @ VGS=4.5V
ESD Rating: 2000V HBM
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Application
●
PWM application
●
Load switch
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
3416
FIR3416LTG
SOT-23
Ø180mm
8mm
3000 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
6
A
Drain Current-Pulsed (Note 1)
IDM
30
A
Maximum Power Dissipation
PD
1.4
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
89.3
/W
℃
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
μA
PIN
CONFIGURATION
FIR3416LTG
N-Channel Enhancement Mode Power MOSFET
SOT-23 top view
Schematic diagram
Marking and pin assignment
Package outline
@ 2018 Copyright By American First Semiconductor
REV:1.0
Page 1/7


Similar Part No. - FIR3416LTG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Foster Semicon...
FIR30N10LG FOSTER-FIR30N10LG Datasheet
2Mb / 7P
100V N-Channel MOSFET
FIR30P055LG FOSTER-FIR30P055LG Datasheet
5Mb / 7P
Silicon P Channel Power MOSFET
FIR30P055PG FOSTER-FIR30P055PG Datasheet
4Mb / 7P
Silicon P Channel Power MOSFET
FIR350N075ANFG FOSTER-FIR350N075ANFG Datasheet
4Mb / 7P
N-Channel Enhancement Mode Power Mosfet
FIR3N10LTG FOSTER-FIR3N10LTG Datasheet
3Mb / 7P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - FIR3416LTG

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com