Electronic Components Datasheet Search
  English  ▼

X  

SPD80151Z Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # SPD80151Z
Description  1-Line, 400W, TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD80151Z Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  SPD80151Z Datasheet HTML 1Page - Will Semiconductor Ltd. SPD80151Z Datasheet HTML 2Page - Will Semiconductor Ltd. SPD80151Z Datasheet HTML 3Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPD80151Z
Will Semiconductor Ltd.
1
Revision 1.0, 2017/11/15
SPD80151Z
1-Line, 400W, TVS
Descriptions
The SPD80151Z is a Uni-directional TVS (Transient
Voltage Suppressor). It is specifically designed to
protect sensitive electronics which are connected to
power lines from over-stress caused by ESD
(Electrostatic
Discharge),
EFT
(Electrical
Fast
Transient) and Lightning.
Features
For surface mount application
Excellent clamping capability
ESD protection according to IEC61000-4-2
±30kV (contact and air discharge)
Low profile package
Fast response time: Typically less than
1.0ns from 0V to 16.7V
Low inductance
Mechanical Data
Case: Molded plastic
Mounting position: Any
http//:www.sh-willsemi.com
SOD-123FL
Schematic Diagram
15A = Device code
Marking (Top View)
Order information
Device
Package
Shipping
SPD80151Z-2/TR SOD-123FL 3000/Tape&Reel
Pin1
Pin2
Pin1
Pin2
15A


Similar Part No. - SPD80151Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD805SMS SSDI-SPD805SMS Datasheet
410Kb / 2P
8 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SPD805SMS SSDI-SPD805SMS Datasheet
187Kb / 2P
8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
SPD805SMSS SSDI-SPD805SMSS Datasheet
187Kb / 2P
8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
SPD805SMSTX SSDI-SPD805SMSTX Datasheet
187Kb / 2P
8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
SPD805SMSTXV SSDI-SPD805SMSTXV Datasheet
187Kb / 2P
8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
More results

Similar Description - SPD80151Z

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
400W Peak Power TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
400W SURFACE MOUNT TVS
logo
Littelfuse
SM05-02HTG LITTELFUSE-SM05-02HTG Datasheet
1Mb / 6P
400W TVS Diode Array
logo
Will Semiconductor Ltd.
SPD82152BH WILLSEMI-SPD82152BH Datasheet
243Kb / 3P
1-Line, 1000W, TVS
SPD81052A WILLSEMI-SPD81052A Datasheet
327Kb / 3P
1-Line, 400W, TVS
SPD81152A WILLSEMI-SPD81152A Datasheet
332Kb / 3P
1-Line, 400W, TVS
SPD81362A WILLSEMI-SPD81362A Datasheet
230Kb / 3P
1-Line, 400W, TVS
SPD81581A WILLSEMI-SPD81581A Datasheet
184Kb / 4P
1-Line, 400W, TVS
logo
Shindengen Electric Mfg...
DL04-33F1 SHINDENGEN-DL04-33F1 Datasheet
1Mb / 5P
TVS 9.5A, 400W
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com