Electronic Components Datasheet Search
  English  ▼

X  

SPD80151Z Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # SPD80151Z
Description  1-Line, 400W, TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

SPD80151Z Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  SPD80151Z Datasheet HTML 1Page - Will Semiconductor Ltd. SPD80151Z Datasheet HTML 2Page - Will Semiconductor Ltd. SPD80151Z Datasheet HTML 3Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPD80151Z
Will Semiconductor Ltd.
2
Revision 1.0, 2017/11/15
Absolute maximum ratings
Notes:
1.
Mounted on 5.0mm
2 (0.03mm thick) Copper Pads to each terminal.
Electrical characteristics (TA=25 oC, unless otherwise noted)
Part Number
(Uni)
Reverse
Stand-off
Voltage
VRWM
(V)
Breakdown Voltage
VBR@ IT
(V)
Test Current
IT
(mA)
Maximum
Clamping
Voltage VC
@IPP
(V)
Maximum
Peak Pulse
Current
IPP (A)
(A)
Maximum
Reverse
Leakage
IR @ VR
(μA)
Min.
Max.
SPD80151Z
15.0
16.7
19.2
1.0
25
16.4
1
Typical characteristics (TA=25oC, unless otherwise noted)
Fig. 1 Peak Pulse Power
Fig. 2 Pulse Derating Curve
Parameter
Symbol
Value
Unit
Peak Pulse Power on 10/1000µs waveform
PPPM
400
W
Peak Pulse Current of on 10/1000µs waveform
IPPM
16.4
A
Junction Temperature
TJ
-55
~150
℃
Operating Temperature
TOP
-40
~125
℃
Storage Temperature Range
TSTG
-55
~150
℃
0.1µs
1µs
10µs
100µs
1ms
10ms
td - Pulse Width (ms)
Non-repetitive pulse waveform
10/1000µs
0.1
1
10
100
0
25
50
75
100
125
150
TA – Ambient Temperature (℃)
0
25
50
100
75



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com