Electronic Components Datasheet Search
  English  ▼

X  

TM2292 Datasheet(PDF) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM2292
Description  Infrared Sensor Signal Processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM2292 Datasheet(HTML) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM2292 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©Titan Micro Electronics
www.titanmec.com
Ver1.1
6
红外传感信号处理器
TM2292
电气参数
极限参数(GND = 0V)
参数
符号
范围
单位
电源电压
VDD
-0.3 ~ 6
V
输入电压
VI
-0.3 ~ Vdd+0.3
V
输出电压
VO
-0.3 ~ Vdd+0.3
V
工作温度
Top
-20~ 70
℃
储存温度
Tst
-50 ~ 150
℃
电参数(TA = 25℃,GND= 0V)
符号
参数
测试条件
最小值
典型值
最大值
单位
VDD
工作电压
4
5
5.5
V
Vref
基准电压
Vdd=5V
3.3
3.6
3.9
V
VIH(CDS)
CDS触发电压+
Vdd=5V
1.3
1.7
2.2
V
VIL(CDS)
CDS触发电压-
Vdd=5V
0.6
0.9
1.1
V
Idd
工作电流
Vdd=5V
No Load,
OSC ON
1.35
2
mA
Isb
静态电流
Vdd=5V
No Load,
OSC OFF
460
800
uA
Iref
Vref源电流
200
uA
Icds
CDS源电流
1.5
2.2
3.5
uA
IOH(relay)
RELAY源电流
5
mA
IOL(relay)
RELAY灌电流
5
mA
IOL(triac)
TRIAC灌电流
15
mA
fTB
TB工作频率
R=560K,C=100pF
12
16
20
KHz
fTCI
TCI工作频率
R=560K,C=100pF
12
16
20
KHz
AVO
运放开环增益
Vdd=5V
60
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com