Electronic Components Datasheet Search
  English  ▼

X  

TM2292 Datasheet(PDF) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM2292
Description  Infrared Sensor Signal Processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM2292 Datasheet(HTML) 1 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM2292 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2292 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©Titan Micro Electronics
www.titanmec.com
Ver1.1
1
红外传感信号处理器
TM2292
概述
TM2292是一种红外传感信号处理器,可将红外传感器产生的微弱信号进行放大,来控制输出,
输出端口直接接到继电器或可控硅,并且控制时间可根据自己需要进行调节。采用CMOS工艺制造,
控制性能稳定,定时时间准,实现感应、无接触控制。
特性说明
CMOS数模混合专用集成电路
具有独立的高输入阻抗运算放大器,可与多种传感器匹配,进行信号预处理
内部两级运放,增益可调
内部稳压输出直接驱动PIR
可由外接R.C.调整触发延迟时间及锁定时间
可外接光敏(CDS)传感器,白天抑制输出
输出可驱动继电器或可控硅
集成过零检测,可由交流电源同步触发
工作电压:4V~5.5V
封装形式:DIP16、SOP16
应用范围:白炽灯、荧光灯、蜂鸣器、自动门、电风扇、烘干机和自动洗手池等装有人体红
外感应装置的设备。特别适用于企业、宾馆、商场、库房及家庭的过道、走廊等敏感区域的
自动灯光、照明和报警系统。
管脚定义
1
2
3
4
13
14
15
16
TB
NC
TCI
IP2
IN2
VDD
UOU T2
(TOP VIEW)
UOU T1
IP1
5
6
7
10
11
12
ZCD
REL AY
TRI AC
CDS
8
IN1
VRE F
GND
9
图(1) TM2292


Similar Part No. - TM2292

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
More results

Similar Description - TM2292

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
Texas Instruments
TSS400-S1 TI-TSS400-S1 Datasheet
328Kb / 27P
uPOWER PROGRAMMABLE HIGH-PRECISION SENSOR SIGNAL PROCESSOR
logo
Maxim Integrated Produc...
MAX1463 MAXIM-MAX1463 Datasheet
432Kb / 49P
Low-Power Two-Channel Sensor Signal Processor
Rev 0; 8/02
logo
ELMOS Semiconductor AG
E931.08 ELMOS-E931.08 Datasheet
700Kb / 9P
SINGLE CHANNEL SENSOR SIGNAL PROCESSOR
logo
Shenzhen Titan Micro El...
TM2291 TITAN-TM2291 Datasheet
254Kb / 7P
Infrared Sensor Signal Processor
logo
Jingjing Microelectroni...
EG0001 EGMICRO-EG0001 Datasheet
993Kb / 10P
Thermal ElectrodynamIc Infrared Sensor Signal Processor
logo
SHENZHEN FUMAN ELECTRON...
BISS0001A FUMAN-BISS0001A Datasheet
280Kb / 7P
Infrared sensing signal processor
BISS0001B FUMAN-BISS0001B Datasheet
279Kb / 7P
Infrared sensing signal processor
logo
Shenzhen Huazhimei Semi...
HM4002 HMSEMI-HM4002 Datasheet
921Kb / 9P
Low-power pyroelectric infrared sensor signal processing chip
logo
Guangdong Youtai Semico...
BISS0001 UMW-BISS0001 Datasheet
488Kb / 4P
Infrared sensing signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com