Electronic Components Datasheet Search
  English  ▼

X  

TM2313 Datasheet(PDF) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM2313
Description  Digital Control Audio Processing Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM2313 Datasheet(HTML) 9 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM2313 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 12Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 13Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
深圳市天微电子有限公司
SHENZHEN TI TAN M I CRO ELECTRONI CS CO. , LTD.
©Titan Micro Electronics
www.titanmec.com
V2.1
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
0
-10
-20
-30
-40
-50
-60
-70
例如:音量衰减 45db,则用“00100100”表示。
2)扬声器衰减命令
MSB
LSB
FUNCTION
1
0
0
B1
B0
A2
A1
A0
1
0
1
B1
B0
A2
A1
A0
1
1
0
B1
B0
A2
A1
A0
1
1
1
B1
B0
A2
A1
A0
Speaker LF
Speaker RF
Speaker LR
Speaker RR
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
0
-1.25
-2.5
-3.75
-5
-6.25
-7.5
-8.75
0
0
0
1
1
0
1
1
0
-10
-20
-30
1
1
1
1
1
Mute
例如:前扬声器的右声道衰减 25db,则用“10110100”表示。
3)输入切换/响度控制/输入增益命令
MSB
LSB
FUNCTICN
0
1
0
G1
G0
S2
S1
S0
Audio Switch
0
0
0
1
1
0
1
1
0
1
Stereo1
Stereo2
Stereo3
Stereo4(*)
LOUDNESS ON
LOUDNESS OFF
0
0
0
1
1
0
1
1
+11.25dB
+7.5dB
+3.75dB
0dB
例如:选择立体声道 2 输入 7.5db 的增益,且将响度开启,则用“01001001”表示。
注意:Stereo4 无外接引脚。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com