Electronic Components Datasheet Search
  English  ▼

X  

TM2313 Datasheet(PDF) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM2313
Description  Digital Control Audio Processing Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM2313 Datasheet(HTML) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM2313 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM2313 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
深圳市天微电子有限公司
SHENZHEN TI TAN M I CRO ELECTRONI CS CO. , LTD.
©Titan Micro Electronics
www.titanmec.com
V2.1
Sc
左右声道隔离
80
103
dB
总线输入
Vil
输入低电压
1
V
Vih
输入高电压
3
V
lin
输入电流
-5
+5
uA
Vo
输出电压
Io=1.6mA
0.4
V
Topt
工作温度
-40 ~ +80
℃
Tstg
储存温度
-65 ~+150
℃
八、特性曲线



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com