Electronic Components Datasheet Search
  English  ▼

X  

TM9936 Datasheet(PDF) 3 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM9936
Description  Three-phase electron-electrIc circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM9936 Datasheet(HTML) 3 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM9936 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
三相电能计量专用电路
TM9936
www.titanmec.com
34
IVP1
33
IVP2
32
IVP3
电压采样信号输入端:第 1 相
电压采样信号输入端:第 2 相
电压采样信号输入端:第 3 相
6
IIN1
7
IIP1
电流采样信号输入端:第 1 相
8
IIN2
9
IIP2
电流采样信号输入端:第 2 相
10
IIN3
11
IIP3
电流采样信号输入端:第 3 相
19
OSC1
20
OSC2
外接晶体或陶瓷振荡器 OSC1 输入,OSC2 输出
21
FOUT1
23
FOUT2
脉冲输出端
25
DIR
电能方向输出指示
38
CON1
39
COP1
37
CON2
36
COP2
30
CON3
31
COP3
13
CONP
12
COPP
外接 AD 转换器的外部回路电容
1
CIN1
40
CIP1
3
CIN2
2
CIP2
5
CIN3
4
CIP3
15
CINP
14
CIPP
外接 AD 转换器的内部回路电容
29
VREF1
基准电流输出脚
27
VREF2
内置 1.2V 基准电压输出脚
17
S1
18
S2
26
S4
24
S3
分频比设置端
22
CF
高频脉冲输出端



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com