Electronic Components Datasheet Search
  English  ▼

X  

TM9936 Datasheet(PDF) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM9936
Description  Three-phase electron-electrIc circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM9936 Datasheet(HTML) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM9936 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM9936 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
三相电能计量专用电路
TM9936
www.titanmec.com
30
COPP
18
CIN1
16
CIP1
20
CIN2
19
CIP2
22
CIN3
21
CIP3
33
CINP
32
CIPP
外接 AD 转换器的内部回路电容
4
VREF1
基准电流设置脚
2
VREF2
内置 1.2V 基准电压输出脚
35
S1
36
S2
43
S4
1
S3
分频比设置端
41
CF
高频脉冲输出端
5
N.C.
17
N.C.
29
N.C.
39
N.C.
空脚
六、分频设置表
分频比
DIV
S1
S2
S3
S4
CF 脉宽
1
0
0
0
0
无
2
0
0
0
1
15ms
3
0
0
1
0
15ms
4
0
0
1
1
30ms
5
0
1
0
0
30ms
6
0
1
0
1
30ms
7
0
1
1
0
60ms
9
0
1
1
1
60ms
11
1
0
0
0
90ms
13
1
0
0
1
90ms
18
1
0
1
0
90ms
21
1
0
1
1
90ms
27
1
1
0
0
90ms
36
1
1
0
1
90ms
54
1
1
1
0
90ms
60
1
1
1
1
90ms
注:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com