Electronic Components Datasheet Search
  English  ▼

X  

EM5209 Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM5209
Description  Dual Channel, Ultra-Low Resistance Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5209 Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM5209 Datasheet HTML 1Page - Excelliance MOS Corp. EM5209 Datasheet HTML 2Page - Excelliance MOS Corp. EM5209 Datasheet HTML 3Page - Excelliance MOS Corp. EM5209 Datasheet HTML 4Page - Excelliance MOS Corp. EM5209 Datasheet HTML 5Page - Excelliance MOS Corp. EM5209 Datasheet HTML 6Page - Excelliance MOS Corp. EM5209 Datasheet HTML 7Page - Excelliance MOS Corp. EM5209 Datasheet HTML 8Page - Excelliance MOS Corp. EM5209 Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2014/02/24
A.3
2
EM5209
Pin Assignment
Pin Name
Pin No.
Pin Function
VIN1
1 / 2
Switch #1 input. Bypass this input with a ceramic capacitor to GND. Recommended voltage
range for this pin for optimal RON performance is 0.8V to VBIAS.
ON1
3
Active high switch #1 control input. Do not leave floating.
VBIAS
4
Bias voltage. Power supply to the device. Recommended voltage range for this pin is 2.5V to
5.5V.
ON2
5
Active high switch #2 control input. Do not leave floating.
VIN2
6 / 7
Switch #2 input. Bypass this input with a ceramic capacitor to GND. Recommended voltage
range for this pin for optimal RON performance is 0.8V to VBIAS.
VOUT2
8 / 9
Switch #2 output.
CT2
10
Switch #2 slew rate control. Can be left floating.
GND
11
Ground
CT1
12
Switch #1 slew rate control. Can be left floating.
VOUT1
13 / 14 Switch #1 output.
Thermal
PAD
15
Thermal pad (exposed center pad) to alleviate thermal stress. Tie to GND.
Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com